Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download 396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UBMINIATURE FUSES SUBMINIATURE FUSES
No. 396 / TE5 (R)
V, UL 248-14, 125 V, T Leadfree
T ime-Current
Time Lag (T)
Specifications
Packaging Materials
000: Tape/Ammopack (1400 pcs.) 044: Short Leads - Bulk (1400 pcs.) Brown Thermoplastic Polyamide PA 6.6, UL 94V0 Round Pins: Copper, Sn plated -40 C to +85 C (consider de-rating) -40 C/+85 C/21 days (EN 60068-1,-2-1,-2-2,-78) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days - 95 % 24 cycles at 15 min. each (IEC 60068-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration 10 N (IEC 60068-2-21) Base/Cap:
Characteristic
Standard
UL 248-14 CSA C22.2 No. 248.14 UL Listed cUL Listed METI-PSE CCCe for China Import Leadfree Reduced PCB space requirements Direct solderable or plug-in versions Internationally approved Low internal resistance Shocksafe casing Vibration resistant halogen free
Approvals
Temperature Operating Temperature Climatic Category Stock Conditions
Features
Dimensions (mm)
8,5 max. 4
max. 8
Vibration Resistance
0,5 min
L
0,6
1,5
W ebLinks
5,08
1 +0,1
Further infos see: www.wickmanngroup.com Further application infos see Fuseology:
Lead Pull Strength Solderability
www.wickmanngroup.com/download/ fuseology.pdf
260 C, 3 s (Wave) 350 C, 3 s (Soldering Iron) 260 C, 10 s (IEC 60068-2-20)
Holes in PCB
Soldering Heat Resistance Marking
Long Leads (L=18.8 mm) Short Leads (L=4.3 mm)
Limits for Pre-arcing Time
Rated Current
50 mA ... 6.30 A
, T, Current Rating, Approvals
Unit Weight
2.0 x IN
< 60 s
0.60 g (approx.)
METI-PSE
50mA 63mA 80mA 100mA 125mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1.00A 1.25A 1.60A 2.00A 1 2.50A 1 3.15A 1 4.00A 5.00A 6.30A
0050 0063 0080 0100 0125 0160 0200 0250 0315 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400 1500 1630
125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V
100A / 125 V AC 50-60 Hz cos = 1.0
900 800 700 600 550 480 390 350 300 250 220 210 160 155 145 130 125 120 110 110 95 95
45 50 55 60 70 80 80 90 95 100 110 135 130 155 185 210 250 300 350 400 475 570
0.0056 0.009 0.014 0.025 0.044 0.058 0.1 0.17 0.26 0.32 0.58 0.75 0.98 2.2 3.8 5.2 7.5 14 22 27 59 100
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * *
Order Information
050118
Qty.
OrderNumber
Series 396
Amp Code
Packaging
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
CCCe
cUL
UL
Permissible continuous operating current is 70 % at ambient temperature of 23 C (73.4 F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral 1.0 x IN 10 x IN Current Code Rating Capacity 1.0 x IN max. (mV) max. (mW) min. (A2s)
Approvals
* * * * * * * * * * * * * * * * * * * * * *
UBMINIATURE FUSES SUBMINIATURE FUSES
TE5(R) / No. 396
I-t Characteristics
(Min-Max Limit) UL 248-14 Test value
Time (sec.)
050118
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
I Fault / I Rated
Contact WICKMANN for individual I-t curves
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of 396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X